Part Number Hot Search : 
7805ACD 18LF2 CY25402 A2003G LYH1006 MRF7P20 IRPLDIM3 1N338
Product Description
Full Text Search
 

To Download LM2576 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM2576
Micrel
LM2576
52kHz Simple 3A Buck Voltage Regulator
General Description
The LM2576 series of monolithic integrated circuits provide all the active functions for a step-down (buck) switching regulator. Fixed versions are available with a 3.3V, 5V, or 12V fixed output. Adjustable versions have an output voltage range from 1.23V to 37V. Both versions are capable of driving a 3A load with excellent line and load regulation. These regulators are simple to use because they require a minimum number of external components and include internal frequency compensation and a fixed-frequency oscillator. The LM2576 series offers a high efficiency replacement for popular three-terminal adjustable linear regulators. It substantially reduces the size of the heat sink, and in many cases no heat sink is required. A standard series of inductors available from several different manufacturers are ideal for use with the LM2576 series. This feature greatly simplifies the design of switch-mode power supplies. The feedback voltage is guaranteed to 2% tolerance for adjustable versions, and the output voltage is guaranteed to 3% for fixed versions, within specified input voltages and output load conditions. The oscillator frequency is guaranteed to 10%. External shutdown is included, featuring less than 200A standby current. The output switch includes cycle-bycycle current limiting and thermal shutdown for full protection under fault conditions.
Features
* 3.3V, 5V, 12V, and adjustable output versions * Voltage over specified line and load conditions: Fixed version: 3% max. output voltage Adjustable version: 2% max. feedback voltage * Guaranteed 3A output current * Wide input voltage range: 4V to 40V * Wide output voltage range 1.23V to 37V * Requires only 4 external components * 52kHz fixed frequency internal oscillator * Low power standby mode IQ typically < 200A * 80% efficiency (adjustable version typically > 80%) * Uses readily available standard inductors * Thermal shutdown and current limit protection * 100% electrical thermal limit burn-in
Applications
* * * * * Simple high-efficiency step-down (buck) regulator Efficient pre-regulator for linear regulators On-card switching regulators Positive to negative converter (inverting Buck-Boost) Isolated Flyback Converter using minimum number of external components * Negative Boost Converter
Typical Applications
870 20
7V-40V Unregulated DC Input
+VIN + CIN 100F
LM2576-5.0 Output L1 2 100H 3 5 Gnd On/Off D1 1N5822
1
4
Feedback
+5V, 3A Regulated Output + COUT 1000F
7V-40V Unregulated DC Input
1
4 LM2576
Feedback
+VIN + CIN 100F
3 5 Gnd On/Off
Output L1 2 100H D1 1N5822
+5V, 3A Regulated Output + COUT 1000F R2 3.09k R1 1k
Note: Pin numbers are for TO-220 Package
Note: Pin numbers are for TO-220 Package VOUT = 1.23 1 + R2 R1
(
)
Fixed Regulator in Typical Application
Adjustable Regulator in Fixed Output Application
4-120
October 1998
LM2576
Micrel
Ordering Information
Part Number LM2576BT*

Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package 5-lead TO-220 5-lead TO-220 5-lead TO-220 5-lead TO-220 5-lead TO-263 5-lead TO-263 5-lead TO-263 5-lead TO-263
LM2576-3.3BT LM2576-5.0BT LM2576-12BT LM2576BU*
LM2576-3.3BU LM2576-5.0BU LM2576-12BU
* Adjustable output regulators. Contact factory for bent or staggered leads option.
4
Pin Configurations
5-LEAD TO-220 (T)
GND 5- ON/OFF 4- FEEDBACK 3- GROUND 2- OUTPUT 1- VIN GND
5-LEAD TO-263 (U)
5- ON/OFF 4- FEEDBACK 3- GROUND 2- OUTPUT 1- VIN
October 1998
4-121
LM2576
Micrel
Absolute Maximum Ratings (Note 1)
Maximum Supply Voltage ON/OFF Pin Input Voltage Output Voltage to Ground (Steady State) Power Dissipation Storage Temperature Range Minimum ESD Rating C = 100pF, R = 1.5k FB Pin Lead Temperature (soldering, 10 sec.) Maximum Junction Temperature 45V -0.3V V +40V -1V Internally Limited -65C to +150C 2 kV 1 kV 260C 150C
Operating Ratings
Temperature Range Supply Voltage -40C TJ +125C 40V
Electrical Characteristics Specifications with standard typeface are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise specified, VIN = 12V, and ILOAD = 500mA.
LM2576 Symbol Parameter Conditions Typ Limit (Note 2) Units (Limits)
SYSTEM PARAMETERS, ADJUSTABLE REGULATORS (Note 3) Test Circuit Figure 1 VOUT Feedback Voltage VIN = 12V , ILOAD = 0.5A VOUT = 5V 0.5A ILOAD 3A, 6V VIN 40V VOUT = 5V VIN = 12V, ILOAD = 3A, VOUT = 5V VIN = 12V , ILOAD = 0.5A VOUT = 3.3V 0.5A ILOAD 3A, 6V VIN 40V VOUT = 3.3V VIN = 12V, ILOAD = 3A VIN = 12V , ILOAD = 0.5A VOUT = 5V 0.5A ILOAD 3A, 8V VIN 40V VOUT = 5V VIN = 12V, ILOAD = 3A VIN = 25V , ILOAD = 0.5A VOUT = 12V 0.5A ILOAD 3A, 15V VIN 40V VOUT = 12V VIN = 25V, ILOAD = 3A 1.230 1.217 1.243 1.230 1.193/1.180 1.267/1.280 82 V V(min) V(max) V V(min) V(max) %
VOUT
Feedback Voltage LM2576 Efficiency
SYSTEM PARAMETERS, 3.3V REGULATORS (Note 3) Test Circuit Figure 1 VOUT Output Voltage 3.3 3.234 3.366 3.3 3.168/3.135 3.432/3.465 75 V V(min) V(max) V V(min) V(max) %
VOUT
Output Voltage LM2576-3.3 Efficiency
SYSTEM PARAMETERS, 5V REGULATORS (Note 3) Test Circuit Figure 1 VOUT Output Voltage 5.0 4.900 5.100 5.0 4.800/4.750 5.200/5.250 82 V V(min) V(max) V V(min) V(max) %
VOUT
Output Voltage LM2576-5.0 Efficiency
SYSTEM PARAMETERS, 12V REGULATORS (Note 3) Test Circuit Figure 1 VOUT Output Voltage 12 11.760 12.240 12 11.520/11.400 12.480/12.600 88 V V(min) V(max) V V(min) V(max) %
VOUT
Output Voltage LMLM2576-12 Efficiency
4-122
October 1998
LM2576
Micrel
Electrical Characteristics (continued)
LM2576 Symbol Parameter Conditions Typ Limit (Note 2) Units (Limits)
DEVICE PARAMETERS, ADJUSTABLE REGULATOR IB fO Feedback Bias Current VOUT = 5V 50 100/500 nA
DEVICE PARAMETERS, FIXED and ADJUSTABLE REGULATORS Oscillator Frequency 52 47/42 58/63 Saturation Voltage Max Duty Cycle (ON) Current Limit IOUT = 3A (Note 4) (Note 5) Peak Current, tON 3s (Note 4) 1.4 1.8/2.0 98 93 ICL 5.8 4.2/3.5 6.9/7.5 2 7.5 30 5 10 Standby Quiescent Current Thermal Resistance ON/OFF Pin = 5V (OFF) T,U Package, Junction to Ambient (Note 7) T,U Package, Junction to Ambient (Note 8) T,U Package, Junction to Case 50 200 65 45 2 kHz kHz (min) kHz (max) V V(max) % %(min) A A(min) A(max) mA(max) mA mA(max) mA mA(max) A A(max) C/W
VSAT DC
IL
Output Leakage Current
VIN = 40V, (Note 6), (Note 6)
Output = 0V Output = -1V Output = -1V
IQ ISTBY JA JA JC
Quiescent Current
(Note 6)
4
October 1998
4-123
LM2576
Micrel
Electrical Characteristics (continued)
LM2576 Symbol Parameter Conditions Typ Limit (Note 2) Units (Limits)
ON/OFF CONTROL, FIXED and ADJUSTABLE REGULATORS Test Circuit Figure 1 VIH VIL IIH IIL
Note 1:
ON/OFF Pin Logic Input Level ON /OFF Pin Logic Current
VOUT = 0V VOUT = 5V ON /OFF Pin = 5V (OFF) ON/OFF Pin = 0V (ON)
1.4 1.2 4
2.2/2.4 1.0/0.8 30
V(min) V(max) A A(max) A A(max)
0.01 10
Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face) . All room temperature limits are 100% production tested. All limits at temperature extreme are guaranteed via testing. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the LM2576/LM1576 is used as shown in Figure 1 test circuit, system performance will be shown in system parameters section of Electrical Characteristics. Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output. Feedback (pin 4) removed from output and connected to 0V. Feedback (pin 4) removed from output and connected to 12V to force the output transistor OFF. Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/2" leads in a socket, or on PC board with minimum copper area. Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/4" leads soldered to PC board containing approximately 4 square inches of copper area surrounding the leads. Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper will lower thermal resistance further.
Note 2: Note 3:
Note 4: Note 5: Note 6: Note 7: Note 8: Note 9:
Typical Performance Characteristics
Normalized Feedback Voltage*
NORMALIZED FEEDBACK VOLTAGE (mV)
Feedback Voltage vs Duty Cycle*
20
FEEDBACK VOLTAGE CHANGE (mV)
25 20 15 10 5 0 -5 -10 -15 -20 -25 -75 -50 -25 0 VIN = 12V ILOAD = 200mA Normalized to TJ = 25C
ILOAD = 200 mA 15 10 5 0 -5 -10 -15 -20 0 20 40 60 80 100
DUTY CYCLE (%)
VIN = 40V
VIN = 7V
25 50 75 100 125 150
JUNCTION TEMPERATURE (C)
* Adjustable version only
4-124
October 1998
LM2576
Micrel
(Circuit of Figure 1)
Typical Performance Characteristics (continued)
Supply Current vs. Duty Cycle
Supply Current
20 18
SUPPLY CURRENT (mA)
Standby Quiescent Current
STANDBY QUIESCENT CURRENT (A)
16 14 12 10 8 6 4 0 10 20 30
SUPPLY CURRENT (mA)
Measured at Ground Pin TJ = 25C VOUT = 5V
20.0 17.5 15.0 12.5 10.0 7.5 5.0 2.5 VIN from 7V to 40V 0 20 40 60 80 100 ILOAD = 200 mA
200
VIN = 40V
150 VON/OFF = 5V VIN = 12V 50
100
ILOAD to 1A
40
50
60
0
0 -75 -50 -25 0 25 50 75 100 125 150
JUNCTION TEMPERATURE (C)
INPUT VOLTAGE (V)
DUTY CYCLE (%)
Current Limit
6.5 VIN = 12V
SATURATION VOLTAGE (V) OUTPUT CURRENT (A)
Switch Saturation Voltage
1.5 1.4 1.2 1.0 0.8 0.6 0.4 0.2 25C 150C
EFFICIENCY (%)
Efficiency
100 95 VOUT = 12V 1A
6.0 5.5 5.0 4.5 4.0 -75 -50 -25 0
-55C
90 85 80 75 70 65 60 1A 3A 0 5
200 mA 200 mA
3A
VOUT = 3V
4
0 25 50 75 100 125 150 0 0.5 1.0 1.5 2.0 2.5 3.0
SWITCH CURRENT (A)
10 15 20
25 30 35 40
JUNCTION TEMPERATURE (C)
INPUT VOLTAGE (V)
Minimum Operating Voltage
NORMALIZED FEEDBACK VOLTAGE (mV)
Line Regulation
Normalized to V IN = 10V VOUT = 5V ILOAD = 500mA TJ = 25
STANDBY QUIESCENT CURRENT (A)
Feedback Pin Current
100 75 50 25 0 -25 -50 -75 -100 -75 -50 -25 0 25 50 75 100 125 150
5.0 4.5 4.0
INPUT VOLTAGE (V)
14 12 10 8 6 4 2 0 -2 -4 -6 0
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -75 -50 -25 0 VOUT = 1.23V ILOAD = 200 mA 25 50 75 100 125 150
5
10
15
20
25
30
JUNCTION TEMPERATURE (C)
INPUT VOLTAGE (V)
JUNCTION TEMPERATURE (C)
Normalized Output Voltage
100
OUTPUT VOLTAGE CHANGE (mV)
Oscillator Frequency
+8 +6
NORMALIZED FREQUENCY (%)
Dropout Voltage
2.0
INPUT-OUTPUT DIFFERENTIAL (V)
75 50 25 0 -25 -50 -75
VIN = 12V ILOAD = 200mA Normalized to TJ = 25C
Normalized at 25C 1.5
ILOAD = 3A
L1 = 330 H
+4 +2 0 -2 -4 --6 VIN = 40V
ILOAD = 1A 1.0
0.5
ILOAD = 200 mA
-100 -75 -50 -25 0
25 50 75 100 125 150
VIN = 12V -8 -75 -50 -25 0 25 50 75 100 125 150
JUNCTION TEMPERATURE (C)
0 -75 -50 -25 0
25 50 75 100 125 150
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
October 1998
4-125
LM2576
Micrel
Typical Performance Characteristics (Circuit of Figure 1)
Load Transient Response
+100mV Output Voltage Change 0 -100mV
3A 2A 1A 0 100 S/div.
Output Current
Switching Waveforms 50V A 0 4A B 2A 0 4A C 2A 0 D 5 S/div. V OUT = 5V VIN = 45V A: Output pin voltage 50V/div B: Output pin current 2A/div C: Inductor current 2A/div D: Output ripple voltage 50 mV/div., AC coupled Horizontal Time Base: 5S/div
4-126
October 1998
LM2576
Micrel
Test Circuits and Layout Guidelines
FEEDBACK +VIN 1 7V - 40V UNREGULATED DC INPUT + 100 F CIN GND 3 ON/OFF 5 2 4
LM2575
OUTPUT
L1 330 H D1 MBR360
VOUT 5.00V + COUT 470F R2 R1 L O A D
CIN -- 100F, 75V Aluminum Electrolytic COUT -- 470F, 15V Aluminum Electrolytic D1 -- Schottky, MBR360 L1 -- 330H, 415-0926 (AIE) R1 -- 1k, 0.01% R2 -- 3.065k, 0.01% 5-pin TO-220 socket--2936 (Loranger Mfg. Co.) 4-pin TO-3 socket--8112-AG7 (Augat Inc.)
FEEDBACK +VIN 1 7V - 40V UNREGULATED DC INPUT + 100 F CIN GND 3 ON/OFF 5 2 4
LM2575-5.0
OUTPUT
L1 330 H D1 11DQ06
VOUT 5.00V + COUT 220F L O A D
CIN -- 100F, 75V Aluminum Electrolytic COUT -- 330F, 15V Aluminum Electrolytic D1 -- Schottky, 11DQ06 L1 -- 100H, 415-0926 (AIE) 5-pin TO-220 socket--2936 (Loranger Mfg. Co.) 4-pin TO-3 socket--8112-AG7 (Augat Inc.)
Note: Pin numbers are for TO-220 Package
Figure 1.
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients which can cause problems. For minimal stray inductance and ground loops, the length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results.
4
Block Diagrams
V IN FEEDBACK
1 4
3.1k
INTERNAL REGULATOR
ON/OFF
5
ON/OFF
V IN
1
INTERNAL REGULATOR
ON/OFF
5
ON/OFF
FIXED GAIN ERROR AMP
FIXED GAIN ERROR AMP COMPARATOR 3 AMP SWITCH FEEDBACK
+
1.0k
4
+ + -
COMPARATOR
3 AMP SWITCH
-
+ -
DRIVER
DRIVER
2
1.23V BAND-GAP REFERENCE
OUTPUT 1.23V BAND-GAP REFERENCE
2
OUTPUT
52 kHz OSCILLATOR
RESET
THERMAL SHUTDOWN
CURRENT LIMIT
3
GND
52 kHz OSCILLATOR
RESET
THERMAL SHUTDOWN
CURRENT LIMIT
3
GND
Note: Pin numbers are for the TO-220 package
Fixed Regulator
Adjustable Regulator
October 1998
4-127


▲Up To Search▲   

 
Price & Availability of LM2576

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X